PART |
Description |
Maker |
REC10-2415DRWL REC10-6812DRWL REC10-6812DRWLZ REC1 |
10W DC/DC converter with 9V input, 15/670mA output 10W DC/DC converter with 9V input, 5/2000mA output 10W DC/DC converter with 69V input, -12/ -416mA output 10W DC/DC converter with 69V input, 5/2000mA output 10W DC/DC converter with 69V input, 15/670mA output 10W DC/DC converter with 69V input, -5/ -1000mA output ECONOLINE - DC/DC - CONVERTER 10W DC/DC converter with 68V input, -12/ -416mA output 10W DC/DC converter with 69V input, -15/ -333mA output 10W DC/DC converter with 69V input, 24/416mA output 10W DC/DC converter with 10V input, 5/2000mA output 10W DC/DC converter with 9V input, 12/830mA output
|
Recom International Power
|
CX20201A-1 CX20201A-2 CX20201A-3 CX20202A-1 CX2020 |
8-Bit 160MSPS D/A Converter(8浣??60MSPS D/A杞???? 10/9/8-BIT 160MSPS D/A CONVERTER 10/9/8-BIT 160MSPS D / A转换 5015 RR 4#12 PIN PLUG LC 10/9/8-BIT 160MSPS D / A转换 From old datasheet system 9-Bit 160MSPS D/A Converter(9位B>160MSPS D/A转换 8-Bit 160MSPS D/A Converter(8位B>160MSPS D/A转换 10-bit 160MSPS D/A Converter
|
Sony, Corp. Sony Corporation
|
DC/DCTMV-1212S DC/DCTMV-1205S DC/DCTMV-2405D DC/DC |
DC/DC Converter 1Watt(41.50 k) 直流/直流转换瓦(41.50十一 DC/DC Converter 2-OUTPUT DC-DC REG PWR SUPPLY MODULE
|
TRACO ELECTRONIC AG
|
NJU7660 NJU7660D NJU7660M NJU7660V NJU7660MTE1 |
SWITCHED CAPACITOR CONVERTER, 5 kHz SWITCHING FREQ-MAX, PDSO8 VOLTAGE CONVERTER
|
NJRC[New Japan Radio]
|
UPC2721 UPC2721GR-E1 UPC2721GR-E2 UPC2721GV-E1 UPC |
RF/MICROWAVE DOWN CONVERTER, 7 dBm OUTPUT POWER-MAX GENERAL PURPOSE L-BAND DOWN CONVERTER ICs
|
NEC Corp. NEC[NEC]
|
TVL05-1220 TVL05-1225 TVL05-1516 TVL05-1520 TYL05- |
DC/DC Converter Multiconductor Cable; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes SERVSWITCH USER CABLE FOR PS2 STYLE 50 FT Input voltage range:4.75-6V, output voltage /-12V ( /-200mA) DC/DC converter Input voltage range:4.75-6V, output voltage /-12V ( /-250/125mA) DC/DC converter Input voltage range:4.75-6V, output voltage /-15V ( /-165mA) DC/DC converter Input voltage range:4.75-6V, output voltage /-15V ( /-200/100mA) DC/DC converter
|
TRACOPOWER[TRACO Electronic AG] TRACO ELECTRONIC AG.
|
TSI-10 TSI-5.0S2R0FM TSI-5.0S2R0M TSI-5.0S2R0SM TS |
DC/DC Converter (TSI-10 Series 10 Watt) DC/DC Converter 直流/直流转换
|
TRACO ELECTRONIC AG.
|
3570 LT3570 LT3570EFE-PBF LT3570EFE-TRPBF LT3570EU |
1.5A Buck Converter, 1.5A Boost Converter and LDO Controller
|
Linear Technology
|
FWD-1205 FWD-1209 FWD-1212 FWD-4805 FWD-4812 FWD-4 |
DC-DC Converter UNIT 8 W WIDE INPUT RANGE DC-DC CONVERTER
|
http:// Power Systems GmbH Co.KG
|
KWD-1205 KWD-1205T KWD-1212 KWS-1205 KWS-1209T KWS |
DC-DC Converter UNIT 15 W WIDE INPUT RANGE DC-DC CONVERTER
|
http:// Power Systems GmbH Co.KG
|
KAWD-1205 KAWD-1212 KAWD-1215 KAWD-2405 KAWD-2412 |
DC-DC Converter UNIT 30 W WIDE INPUT RANGE DC-DC CONVERTER
|
Power Systems GmbH Co.KG http://
|